PART |
Description |
Maker |
QL16X24B QL16X24B-2PL84C QL16X24B-2PL84M_883C QL16 |
Very-high-speed CMOS FPGA, pASIC1 family. FPGA, 384 CLBS, 4000 GATES, 150 MHz, CPGA144 pASIC? 1 Family
Very-High-Speed CMOS FPGA PASIC 1 FAMILY VERY-HIGH-SPEED CMOS FPGA FPGA, 384 CLBS, 4000 GATES, CQFP160
|
http:// List of Unclassifed Manufacturers ETC[ETC] QUICKLOGIC CORP
|
QL8X12B |
pASIC? 1 Family
Very-High-Speed CMOS FPGA
|
quicklogic
|
QL3006 |
PLD Gate pASIC 3 FPGA Combining High Performance and High Density
|
QuickLogic Corporation
|
QL3004E-0PF100I QL3004E-0PF100M QL3004E-0PL68I QL3 |
4,000 usable PLD gate pASIC 3 FPGA combining high performance and high density.
|
QuickLogic
|
TSC21020F-20MA/883 TSC21020F-20MASB TSC21020F-20MA |
IC CYCLONE III FPGA 16K 484FBGA IC CYCLONE III FPGA 16K 164 MBGA IC CYCLONE III FPGA 25K 256 FBGA IC CYCLONE III FPGA 55K 484FBGA IC CYCLONE III FPGA 40K 484 UBGA IC CYCLONE III FPGA 25K 324 FBGA IC CYCLONE III FPGA 40K 484UBGA IC CYCLONE III FPGA 40K 324 FBGA IC CYCLONE III FPGA 40K 780 FBGA IC CYCLONE III FPGA 40K 484FBGA IC CYCLONE III FPGA 40K 780FBGA FPGA, CYCLONE III, 40K LE, 240 PQFP Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:128; IC CYCLONE III FPGA 25K 144 EQFP IC CYCLONE III FPGA 16K 256 UBGA FPGA, CYCLONE III, 40K LE, 324FBGA Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:195; IC CYCLONE III FPGA 16K 256FBGA 数字信号处理器| 32位|的CMOS | RAD数据通信硬|美巡赛| 223PIN |陶瓷 IC CYCLONE III FPGA 16K 240PQFP
|
TE Connectivity, Ltd.
|
5962-9225201MXX 5962-9225203MXX 5962-9225203MYX 59 |
Serially Controlled, Low-Voltage, 8-Channel Dual 4-Channel Multiplexers 现场可编程门阵列(FPGA Upstream CATV Amplifier 现场可编程门阵列(FPGA Field Programmable Gate Array (FPGA) 现场可编程门阵列(FPGA
|
Dialight PLC TOKO, Inc. Vicor, Corp.
|
PUMA77FV16006BI-90 PUMA77FV16006BI-90E PUMA2FV1600 |
44 TQFP(FPGA) ADAPTER(FPGA) 2.4 GHZ RAVEN BOARD 20-PLCC(FPGA) 2.4 GHZ EVALUATION AND STARTER KIT 5K GATES FPSLIC AX LQFP, IND TEMP GREEN(FPGA) SEC FPSLIC AX 10K GATES IND TEMP GREEN(FPGA) FPSLIC AX 10K GATES LQFP TEMP IND GREEN(FPGA) 44 PLCC(FPGA) EEPROM EEPROM 8 LAP(FPGA) EEPROM
|
TDK, Corp. Mitsubishi Electric, Corp. Toshiba, Corp.
|
ST2L05R3315K5 ST2L05R1833PT ST2L05R2833PS ST2L05R3 |
TRANSISTOR,MOSFET,N-CHANNEL,20V V(BR)DSS,14A I(D),LLCC RoHS Compliant: Yes ER 1C 1#4 SKT PLUG ER 3C 2#16 1#0 SKT PLUG VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR 极低的静态电流双电压调节 Cyclone II FPGA 8K FBGA-256 极低的静态电流双电压调节 Stratix FPGA 80K FBGA-1508 极低的静态电流双电压调节 CYCLONE III FPGA 10K 144-EQFP 极低的静态电流双电压调节 Stratix II GX FPGA 30K FPGA-780 极低的静态电流双电压调节
|
意法半导 STMicroelectronics N.V.
|
XC2S100E XC2S100E-6FG456C XC2S100E-6FG456I XC2S100 |
Second generation ASIC replacement technology CLAMP FPGA, 600 CLBS, 37000 GATES, 357 MHz, PBGA456 CLAMP FPGA, 864 CLBS, 52000 GATES, 357 MHz, PBGA456 Spartan-IIE 1.8V FPGA Family FPGA, 1536 CLBS, 93000 GATES, 400 MHz, PQFP208 Spartan-IIE 1.8V FPGA Family FPGA, 384 CLBS, 23000 GATES, 357 MHz, PQFP144 Spartan-IIE 1.8V FPGA Family FPGA, 864 CLBS, 52000 GATES, 357 MHz, PQFP208 Spartan-IIE 1.8V FPGA Family FPGA, 1536 CLBS, 93000 GATES, 357 MHz, PQFP144 Spartan-IIE 1.8V FPGA Family FPGA, 864 CLBS, 52000 GATES, 357 MHz, PBGA456 Spartan-IIE 1.8V FPGA Family 的Spartan - IIE 1.8V的FPGA系列 Spartan-IIE 1.8V FPGA Family FPGA, 1536 CLBS, 93000 GATES, 357 MHz, PBGA256 Spartan-IIE 1.8V FPGA Family Spartan - IIE 1.8V的FPGA系列 Spartan-IIE 1.8V FPGA Family: Introduction and Ordering Information
|
XILINX INC Xilinx, Inc. XINLINX XILINX[Xilinx, Inc]
|
DS312 XC3S100E-4CP132C XC3S100E-4CP132I XC3S100E-5 |
Spartan-3E FPGA Family: Introduction and Ordering Information XC3S100E-4CP132C FPGA, 240 CLBS, 100000 GATES, 572 MHz, PBGA132 XC3S100E-4CP132I FPGA, 240 CLBS, 100000 GATES, 572 MHz, PBGA132 XC3S100E-5CP132C FPGA, 240 CLBS, 100000 GATES, 657 MHz, PBGA132 XC3S250E-5FT256C FPGA, 612 CLBS, 250000 GATES, 657 MHz, PBGA256 XC3S100E-4VQG100C FPGA, 240 CLBS, 100000 GATES, 572 MHz, PQFP100 XC3S250E-4FTG256I FPGA, 612 CLBS, 250000 GATES, 572 MHz, PBGA256 XC3S250E-4PQG208C FPGA, 612 CLBS, 250000 GATES, 572 MHz, PQFP208 XC3S250E-4PQ208I FPGA, 612 CLBS, 250000 GATES, 572 MHz, PQFP208 XC3S250E-4PQ208C FPGA, 612 CLBS, 250000 GATES, 572 MHz, PQFP208 XC3S100E-5VQ100C FPGA, 240 CLBS, 100000 GATES, 657 MHz, PQFP100 XC3S100E-5TQ144C FPGA, 240 CLBS, 100000 GATES, 657 MHz, PQFP144 XC3S100E-4CPG132I FPGA, 240 CLBS, 100000 GATES, 572 MHz, PBGA132 XC3S1600E-4FGG320C FPGA, 3688 CLBS, 1600000 GATES, 572 MHz, PBGA320 XC3S250E-5FTG256C FPGA, 612 CLBS, 250000 GATES, 657 MHz, PBGA256 XC3S500E-4CPG132I FPGA, 1164 CLBS, 500000 GATES, 572 MHz, PBGA132 XC3S250E-4VQG100C Absolute Maximum Ratings
|
Xilinx, Inc. XILINX INC
|
AM29LV800BT-80DTC2 AM29LV800BT-80DGI2 AM29LV800BT- |
25NS,OTP CERDIP,883C; LEV B FULLY CMPLNT(EPLD) 20NS, OTP, PLCC, COM TEMP(EPLD) 20NS, SOIC, IND TEMP(EPLD) 25NS, SOIC, COM TEMP(EPLD) 20NS,OTP LCC,883C; LEVEL B FULLY CMPLNT(EPLD) 10MHZ, 8 DIP, COM TEMP(FPGA) 10MHZ, 20 PLCC, IND TEMP(FPGA) 10MHZ, 32 TQFP, COM TEMP(FPGA) 10MHZ, 44 PLCC, COM TEMP(FPGA) 30MHZ, 3.3V, 20 PLCC, COM TEMP(FPGA) 8 TSSOP,PB/HALO FREE,IND,1.8V(SERIAL EE) DIE SALE, 1.8V, 11 MIL(SERIAL EE) 8 PDIP,PB/HALO FREE,IND TEMP,1.8V(SERIAL EE) 65K CONFIG MEM, 20 PLCC, IND TEMP(FPGA) 10MHZ, 20 SOIC, IND TEMP(FPGA) 128K CONFIG MEM, 20 PLCC, COM(FPGA) EEPROM EEPROM 10MHZ, 8 NSOIC, COM TEMP(FPGA) EEPROM 512K X 16 FLASH 3V PROM, 120 ns, UUC44 10MHZ, 8 LAP, 5K MOQ(FPGA) 10MHZ, 8 N-SOIC, COM TEMP(FPGA) 10MHZ, 20 PLCC, COM TEMP(FPGA) 512K X 16 FLASH 3V PROM, 80 ns, UUC44
|
ADVANCED MICRO DEVICES INC
|
XC4020XLA-09BG256I XC4020XLA-08PQ160C XC4020XLA-08 |
Tip/ring filter, tip/ring, SMT, RoHS Wirewound - Ceramic Boat - CB 10 3 5% B 现场可编程门阵列(FPGA Field Programmable Gate Array (FPGA) 现场可编程门阵列(FPGA Toroidal Surface Mount Inductors Super Kit, 0603CS chip inductors, 5% tol, RoHS LC filter, low pass, SMT, RoHS Combination line filter choke, not RoHS FieldProgrammableGateArray(FPGA)
|
Advanced Analogic Technologies, Inc. NXP Semiconductors N.V. Vectron International, Inc. Sony, Corp. PLX Technology, Inc. Xilinx, Inc. Lattice Semiconductor, Corp.
|
|